Part Number Hot Search : 
BYP25A2 5248B 2301ECBR TSS4B01G IR91B 2SK30 M5206 41616
Product Description
Full Text Search
 

To Download SB2H90 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB2H90 and SB2H100
New Product
Vishay Semiconductors
formerly General Semiconductor
Reverse Voltage 90 to 100V Forward Current 2.0A
High Voltage Schottky Rectifiers
DO-204AC (DO-15)
0.034 (0.86) 0.028 (0.71) Dia.
Features
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Low power loss, high efficiency * For use in low voltage high frequency inverters, free wheeling, and polarity protection applications * Guardring for overvoltage protection
1.0 (25.4) min.
Mechanical Data
0.300 (7.6) 0.230 (5.8)
0.140 (3.6) 0.104 (2.6) Dia. 1.0 (25.4) min.
Dimensions in inches and (millimeters)
Case: JEDEC DO-204AC molded plastic over a passivated junction Terminals: Solder Plated axial leads, solderable per MILSTD-750, Method 2026 High temperature soldering guaranteed: 250C/10 seconds 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.015 oz., 0.4 g
Maximum Ratings and Thermal Characteristics (TA = 25C unless otherwise noted)
Parameter Maximum repetitive peak reverse voltage Working Peak Reverse Voltage Maximum DC blocking voltage Maximum average forward rectified current at TA = 25C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Peak repetitive reverse surge current at tp = 2.0s, 1KHZ Critical rate of rise of reverse voltage Typical thermal resistance (2) Storage temperature range Maximum operating junction temperature Symbol VRRM VRWM VDC IF(AV) IFSM IRRM dv/dt RJA RJL TSTG TJ SB2H90 90 90 90 2.0 75 1.0 10,000 45 14 -55 to +175 +175 SB2H100 100 100 100 Unit V V V A A A V/s C/W C C
Electrical Characteristics (TA = 25C unless otherwise noted)
Max. instantaneous forward voltage(1) Maximum DC reverse current at rated DC blocking voltage IF = 2A, TJ = 25C IF = 2A, TJ = 125C TJ = 25C TJ = 125C VF IR 0.79 0.65 10 4 V A mA
Notes: (1) Pulse test: 300s pulse width, 1% duty cycle (2) P.C.B. mounted with 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas
Document Number 88718 25-Jun-02
www.vishay.com 1
SB2H90 and SB2H100
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
4.0 100
Fig. 2 - Typical Instantaneous Forward Characteristics
Instantaneous Forward Current (A)
Average Forward Current (A)
3.0
10
TJ = 175C TJ = 100C
2.0
1
TJ = 150C TJ = 125C
1.0
0.1 TJ = 25C 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
0 0 25 50 75 100 125 150 175
200
Ambient Temperature (C)
Instantaneous Forward Voltage (V)
Fig. 3 - Typical Reverse Characteristics
10000 10000 TJ = 150C
Fig. 4 - Typical Junction Capacitance
Instantaneous Reverse Current (A)
100 TJ = 100C 10
TJ = 125C
Junction Capacitance (pF)
80 100
1000
1000
1 0.1 TJ = 25C 0.01 20 40 60
100
10 0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (V)
Fig. 5 - Typical Transient Thermal Impedance
100
Transient Thermal Impedance (C/W)
10
1 0.01
0.1
1
10
100
t -- Pulse Duration (sec.) www.vishay.com 2 Document Number 88718 25-Jun-02


▲Up To Search▲   

 
Price & Availability of SB2H90

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X